PART |
Description |
Maker |
HFA1112IBZ HFA1112IB96 HFA1112IBZ96 HFA111205 HFA1 |
850MHZ, LOW DISTORTION PROGRAMMABLE GAIN BUFFER AMPLIFIERS
|
INTERSIL[Intersil Corporation]
|
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
HFA1114 HFA1114EVAL HFA1114IB HFA1114IP FN3151 |
850MHz Video Cable Driving Buffer(850MHz、视频电缆驱动缓冲器) 850MHz的视频线驱动缓冲器(850MHz,视频电缆驱动缓冲器 850MHz Video Cable Driving Buffer 850MHz的视频线驱动缓冲 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT1994 |
Low Noise - Low Distortion Fully Differential Input/Output Amplifier/Driver
|
Linear Technology
|
AD8028 AD8027ART-R2 AD8027AR-REEL AD8028ARM-REEL7 |
Low-Distortion, High-Speed Rail-to-Rail Input/Output Amplifier Low-Distortion High-Speed Rail-to-Rail Input/Output Amplifier Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers Low Distortion High Speed Rail-to-Rail Input/Output Amplifiers
|
AD[Analog Devices]
|
LT1809 LT1809CS8 LT1809IS8 1809I |
180MHz/ 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp From old datasheet system
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
LT1809IS8 LT1809CS8 LT1810 LT1810CS8 LT1810IMS8 |
Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
|
LINEAR TECHNOLOGY CORP
|
ADA4841-1YRZ ADA4841-1YRZ-R7 ADA4841-1YRZ-RL ADA48 |
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier OP-AMP, 300 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD831 |
Low Distortion Mixer High-Performance, Low Distortion 500-MHz Mixer
|
Analog Devices, Inc.
|
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|